Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 6Page - STMicroelectronics AN4248 Datasheet HTML 7Page - STMicroelectronics AN4248 Datasheet HTML 8Page - STMicroelectronics AN4248 Datasheet HTML 9Page - STMicroelectronics AN4248 Datasheet HTML 10Page - STMicroelectronics AN4248 Datasheet HTML 11Page - STMicroelectronics AN4248 Datasheet HTML 12Page - STMicroelectronics AN4248 Datasheet HTML 13Page - STMicroelectronics AN4248 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
Mains overvoltage shutdown
AN4248
10/46
DocID024214 Rev 1
5
Mains overvoltage shutdown
This feature is important to integrate in the SMPS where supply variations are quite large
and to avoid any damage to the converter ensure that the converter stops working when the
line voltage goes beyond a certain level. This can be achieved by using various pins, such
as the AC_OK , DIS OR COMP pins. In this design, we are implementing the circuit with the
AC_OK /COMP pin to retain the option of either auto restart or latched shutdown is desired.
The user can choose to use the corresponding jumper in the circuit.
Figure 5. Mains overvoltage shutdown implementation using AC_OK pin
Referring to the above circuit, with a simple bipolar BC547 and resistor divider network, we
can generate an inhibit signal to active mains OVP protection:
Vbe_sat= 0.6-0.7 V, taking typical value of 0.65 V
we have
–Vmains_OVP=300 Vac, means 300 ν2= 424 Vdc
–With RovpH= 1M, Rovp=1.5 K
Referring to the schematic, we have
–
R3 = R8 = R12 = 330 K, R16 = 1.5 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com