Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 20Page - STMicroelectronics AN4248 Datasheet HTML 21Page - STMicroelectronics AN4248 Datasheet HTML 22Page - STMicroelectronics AN4248 Datasheet HTML 23Page - STMicroelectronics AN4248 Datasheet HTML 24Page - STMicroelectronics AN4248 Datasheet HTML 25Page - STMicroelectronics AN4248 Datasheet HTML 26Page - STMicroelectronics AN4248 Datasheet HTML 27Page - STMicroelectronics AN4248 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Bill of material
AN4248
24/46
DocID024214 Rev 1
32
R5
Resistor 56 K, 2 W CFR through hole
33
R39
Resistor DNL
34
R6
Resistor DNL Through hole, 0.25 W
35
R1
Resistor 22E, SMD 1206 DNL
36
R31
Resistor 0E, SMD 0805
36
C3
Capacitor 220Nf/275 V, X2 through hole
37
C6
Capacitor 220Nf/275 V, X2 through hole
38
C4
Capacitor 220Nf/275 V, X2 through hole
39
C7
Capacitor 220Nf/275 V, X2 through hole
40
C2
Capacitor ceramic disc type 2.2Nf/1 KV through hole
41
C13
Capacitor 100Nf, 0805
42
C24
Capacitor 100Nf, 0805
43
C17
Capacitor 100Nf, 0805
44
C18
Capacitor 100Nf, 0805
45
C25
Capacitor 100Nf, 0805
46
C22
Capacitor 330Pf, 0805
47
C21
Capacitor 5.6Nf, 0805
48
C19
Capacitor 4.7Pf, 0805 DNL
49
C23
Capacitor 10Nf, 0805
50
C16
Capacitor 47Nf, 0805
51
C20
Capacitor 330Nf, 0805
52
C1
Capacitor 1Nf , 1206 DNL
53
C14
Capacitor 2.2Nf/2 KV, Y1 through hole
54
C15
Capacitor 2.2Nf/2 KV, Y1 through hole
55
C5
Capacitor elect 220Uf/350 V through hole
56
C11
Capacitor elect 220Uf/350 V through hole
57
C12
Capacitor elect 47Uf/35 V through hole
58
C8
Capacitor elect 1000Uf/50 V low ESR through hole
59
C9
Capacitor elect 1000Uf/50 V low ESR through hole
60
C10
Capacitor elect 100Uf/50 V through hole
61
D1
Diode STTH310, package DO-201AD
62
D2
Diode STTH310, package DO-201AD
63
D3
Diode STTH310, package DO-201AD
64
D4
Diode STTH310, package DO-201AD
65
D6
Diode STTH1R02, package DO-41
Table 3. Bill of material (continued)
Sr no
Part reference
Part description
Make



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com