Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 7Page - STMicroelectronics AN4346 Datasheet HTML 8Page - STMicroelectronics AN4346 Datasheet HTML 9Page - STMicroelectronics AN4346 Datasheet HTML 10Page - STMicroelectronics AN4346 Datasheet HTML 11Page - STMicroelectronics AN4346 Datasheet HTML 12Page - STMicroelectronics AN4346 Datasheet HTML 13Page - STMicroelectronics AN4346 Datasheet HTML 14Page - STMicroelectronics AN4346 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
DocID025107 Rev 1
11/33
AN4346
Measurement results
33
2
Measurement results
The HVLED815PF LED driver demonstration board has been tested using the following
instrumentation/load:
CHROMA® 61602
AC source
YOGOGAWA® WT210
wattmeter
Tektronix® DP07054 500 MHz
digital oscilloscope
Tektronix TCP0030
current probe
LeCroy PPE4kV 100:1 400 MHz
high voltage probe
KEITHLEY 2000
digital multimeter
Avio TVS-200 P
thermal video system
SEOUL SEMICONDUCTOR Z-POWER LED P4 LED series
2.1
Driver efficiency at nominal load
In Figure 5 is displayed LED driver efficiency versus the AC line voltage at a nominal load.
Figure 5. LED driver efficiency versus AC line voltage at nominal load
As shown in Figure 5 LED driver efficiency is up to 84%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com