Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 24Page - STMicroelectronics AN4346 Datasheet HTML 25Page - STMicroelectronics AN4346 Datasheet HTML 26Page - STMicroelectronics AN4346 Datasheet HTML 27Page - STMicroelectronics AN4346 Datasheet HTML 28Page - STMicroelectronics AN4346 Datasheet HTML 29Page - STMicroelectronics AN4346 Datasheet HTML 30Page - STMicroelectronics AN4346 Datasheet HTML 31Page - STMicroelectronics AN4346 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Electrical waveform
AN4346
28/33
DocID025107 Rev 1
3.5
Startup at no load
If the converter wakes-up during no load condition, the OVP protection is triggered and the
output voltage is regulated at 32 V, protecting the output electrolytic capacitors from high
voltage.
Figure 39. Startup at 100 Vac - 50 Hz - no load
Figure 40. Startup at 230 Vac - 50 Hz - no load
CH1: LED current
CH2: CS pin
CH3: VOUT
CH4: VCC pin
CH1: LED current
CH2: CS pin
CH3: VOUT
CH4: VCC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com