Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 20Page - STMicroelectronics AN4346 Datasheet HTML 21Page - STMicroelectronics AN4346 Datasheet HTML 22Page - STMicroelectronics AN4346 Datasheet HTML 23Page - STMicroelectronics AN4346 Datasheet HTML 24Page - STMicroelectronics AN4346 Datasheet HTML 25Page - STMicroelectronics AN4346 Datasheet HTML 26Page - STMicroelectronics AN4346 Datasheet HTML 27Page - STMicroelectronics AN4346 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Electrical waveform
AN4346
24/33
DocID025107 Rev 1
3.3
ILED pin modulation with the input mains voltage
Referring to Figure 30, a voltage VX proportional to the input rectified mains is summed on
the average voltage present on the ILED pin trough the CLED capacitor generating
a voltage reference proportional to the input voltage (AC coupling).
Equation 3
The ILED pin voltage is internally divided (Gi) and then compared with the CS pin voltage,
generating a primary current proportional to the input voltage reaching the high power factor
condition.
The average value of ILED pin is not depending from the VIN input voltage (AC coupling), as
a consequence the desiderated output current can be programed trough the current sense
resistor Rsense in according to the following relationship (see the HVLED815PF datasheet
for more details).
Equation 4
where n is the primary-to-secondary transformer ratio (n = Np/Ns = 190/42), VCLED the
equivalent internal voltage (VCLED(typ) = 0.2 V) that include R, Iref parameters.
VX
VIN pk pk
–
RAC L
RAC H RAC L
+
----------------------------------------
=
ILED
n
2
---
VCLED
Rsense
------------------
190
42
----------
2
----------
0.2V
1.0
-------------
0.453A
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com