Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 8Page - STMicroelectronics AN4346 Datasheet HTML 9Page - STMicroelectronics AN4346 Datasheet HTML 10Page - STMicroelectronics AN4346 Datasheet HTML 11Page - STMicroelectronics AN4346 Datasheet HTML 12Page - STMicroelectronics AN4346 Datasheet HTML 13Page - STMicroelectronics AN4346 Datasheet HTML 14Page - STMicroelectronics AN4346 Datasheet HTML 15Page - STMicroelectronics AN4346 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Measurement results
AN4346
12/33
DocID025107 Rev 1
2.2
Power factor at nominal load
In Figure 6 is displayed the measured power factor (PF) at a nominal load:
Figure 6. Power factor (PF) at nominal load
As shown in Figure 6 the power factor (PF) is over 0.95 in all the input voltage range
[88 - 265] Vac.
2.3
Line regulation at nominal load
In Figure 7 is displayed the measured average output current versus line voltage at
a nominal load.
Figure 7. Average output current versus line voltage at nominal load
The output current is 455 mA ± 0.8% over all the input voltage range [88 - 265] Vac.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com