Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 12Page - STMicroelectronics AN4346 Datasheet HTML 13Page - STMicroelectronics AN4346 Datasheet HTML 14Page - STMicroelectronics AN4346 Datasheet HTML 15Page - STMicroelectronics AN4346 Datasheet HTML 16Page - STMicroelectronics AN4346 Datasheet HTML 17Page - STMicroelectronics AN4346 Datasheet HTML 18Page - STMicroelectronics AN4346 Datasheet HTML 19Page - STMicroelectronics AN4346 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Measurement results
AN4346
16/33
DocID025107 Rev 1
2.9
Harmonic content at nominal mains voltage
One of the main benefits of the HVLED815PF device is the correction of input current
distortion, decreasing the harmonic contents below the limits of the relevant regulations.
Figure 13 and Figure 14 show the harmonic content at 100 Vac/50 Hz and 230 Vac/50 Hz
input voltage.
The measurement at 100 Vac, 50 Hz; PIN = 12.1 W; POUT = 10 W; PF = 0.994:
Figure 13. Harmonic content at 100 Vac/50 Hz
The measurement at 230 V, 50 Hz; PIN = 11.8 W; POUT = 9.9 W; PF = 0.963:
Figure 14. Harmonic content at 230 Vac/50 Hz
Figure 13 and Figure 14 show as the harmonics respect the limits for Class C equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com