Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 18Page - STMicroelectronics AN4346 Datasheet HTML 19Page - STMicroelectronics AN4346 Datasheet HTML 20Page - STMicroelectronics AN4346 Datasheet HTML 21Page - STMicroelectronics AN4346 Datasheet HTML 22Page - STMicroelectronics AN4346 Datasheet HTML 23Page - STMicroelectronics AN4346 Datasheet HTML 24Page - STMicroelectronics AN4346 Datasheet HTML 25Page - STMicroelectronics AN4346 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Electrical waveform
AN4346
22/33
DocID025107 Rev 1
3
Electrical waveform
3.1
Input and output LED driver waveforms
The waveforms of the input current and drain voltage at the nominal input voltage mains and
nominal LED load are illustrated in this section. Drain voltage is modulated by the sinusoidal
shape of the input mains voltage and the peak increase with the line.
The input current is in phase with the input voltage and a high power factor is achieved.
Also the LED current and output voltage have been checked.
Note that the regulated LED current remains constant all over the input mains voltage.
The LED pk-pk ripple is the ± 27% of the average current. Increasing the value of the output
capacitor it is possible to decrease the LED current ripple following Equation 2:
Equation 2
For this demonstration 3 parallel capacitors of 330
F have been selected to have a current
ripple of 250 mA pk-pk with 7 LEDs each with a dynamic resistance of 0.8

Figure 24. Input and output LED driver
waveforms at 100 Vac - 50 Hz
Figure 25. Input and output LED driver
waveforms at 230 Vac - 50 Hz
CH1: DRAIN pin
CH2: INPUT CURRENT
CH3: VOUT
CH4: LED CURRENT
CH1: DRAIN pin
CH2: INPUT CURRENT
CH3: VOUT
CH4: LED CURRENT
Iripple
2IOUT
14
f
l
RLEDtot Co

2
+
-----------------------------------------------------------------------
2455mA
14
 50Hz R
LEDtot
3330
F


2
+
-----------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com