Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 14Page - STMicroelectronics AN4346 Datasheet HTML 15Page - STMicroelectronics AN4346 Datasheet HTML 16Page - STMicroelectronics AN4346 Datasheet HTML 17Page - STMicroelectronics AN4346 Datasheet HTML 18Page - STMicroelectronics AN4346 Datasheet HTML 19Page - STMicroelectronics AN4346 Datasheet HTML 20Page - STMicroelectronics AN4346 Datasheet HTML 21Page - STMicroelectronics AN4346 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Measurement results
AN4346
18/33
DocID025107 Rev 1
Figure 16. Top side temperature POUT = 10 W - 88 V
Figure 17. Top side temperature POUT = 10 W - 100 V
Table 2. Top side 88 V
Point
Temp.
Comment
A
77.3 °C
Winding transformer (T1)
B
62.1 °C
Magnetic transformer (T1)
C
55.5 °C
Lin (L1)
Table 3. Top side 100 V
Point
Temp.
Comment
A
73.5 °C
Winding transformer (T1)
B
58.7 °C
Magnetic transformer (T1)
C
49.8 °C
Lin (L1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com