Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 13Page - STMicroelectronics AN4346 Datasheet HTML 14Page - STMicroelectronics AN4346 Datasheet HTML 15Page - STMicroelectronics AN4346 Datasheet HTML 16Page - STMicroelectronics AN4346 Datasheet HTML 17Page - STMicroelectronics AN4346 Datasheet HTML 18Page - STMicroelectronics AN4346 Datasheet HTML 19Page - STMicroelectronics AN4346 Datasheet HTML 20Page - STMicroelectronics AN4346 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DocID025107 Rev 1
17/33
AN4346
Measurement results
33
2.10
Overvoltage protection in no load condition
In the EVLHVLED815W10F demonstration board the OVP protection has been set at 30
VDC typ.
Regulated output voltage during no load condition can be fixed by selecting properly RDMG
and RFB (see the HVLED815PF datasheet) by Equation 1.
Equation 1
OVP voltage vs. input mains is represented in Figure 15.
Figure 15. OVP voltage vs. input mains
Waveforms of LED driver behavior are shown in Section 3: Electrical waveform on page 22.
2.11
Thermal measurements
To check reliability of design, the thermal maps have been checked with an IR camera.
The LED driver has been stressed at the nominal LED load number (POUT = 10 W) all over
the input mains voltage range. Only the minimum, maximum voltage range and the two
nominal mains voltage 100/50 Hz and 230/50 Hz have been reported.
VOUT
Ns
Naux
------------
RDMG
RFB
---------------- VREF VREF
Ns
Naux
------------
42
24
------
91k
16k
---------------
 2.51V 2.51V 42
24
------
30V
=
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com