Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 10Page - STMicroelectronics AN4346 Datasheet HTML 11Page - STMicroelectronics AN4346 Datasheet HTML 12Page - STMicroelectronics AN4346 Datasheet HTML 13Page - STMicroelectronics AN4346 Datasheet HTML 14Page - STMicroelectronics AN4346 Datasheet HTML 15Page - STMicroelectronics AN4346 Datasheet HTML 16Page - STMicroelectronics AN4346 Datasheet HTML 17Page - STMicroelectronics AN4346 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Measurement results
AN4346
14/33
DocID025107 Rev 1
2.6
Power factor at different LED load number
In Figure 10 is displayed the measured power factor (PF) at a different LED load.
Figure 10. Power factor (PF) at different LED load
As shown in Figure 10 the power factor (PF) is over 0.90 in all the input voltage range
[88 - 265] Vac also varying the number of LEDs.
2.7
Line regulation at different LED load number
In Figure 11 is displayed the measured average output current versus line voltage at
different numbers of LEDs applied.
Figure 11. Average output current versus line voltage at different numbers of LEDs
applied
The output current is varying ± 3% changing the load over all the input voltage range
[88 - 265] Vac.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com