Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 23Page - STMicroelectronics AN4346 Datasheet HTML 24Page - STMicroelectronics AN4346 Datasheet HTML 25Page - STMicroelectronics AN4346 Datasheet HTML 26Page - STMicroelectronics AN4346 Datasheet HTML 27Page - STMicroelectronics AN4346 Datasheet HTML 28Page - STMicroelectronics AN4346 Datasheet HTML 29Page - STMicroelectronics AN4346 Datasheet HTML 30Page - STMicroelectronics AN4346 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DocID025107 Rev 1
27/33
AN4346
Electrical waveform
33
3.4
Startup
With a VCC capacitor of 47 F, the HVLED815PF device turns-on in 100 ms (see Figure 37
and Figure 38). Light appears hundreds milliseconds later.
A capacitor C5 (4.7
F) on the ILED pin is charging during the start-up phase and it is
responsible of the LED current soft-start time.
Acting on this C5 capacitor, it is possible to modify the soft-start time. In detail, to speed up
the loop it is enough to reduce the C5 capacitor reducing the soft-start time.
Figure 35. ILED pin operation at 230 Vac
Figure 36. ILED pin operation at 265 Vac
CH1: VIN
CH2: BJT base
CH3: ILED pin
CH4: C5 capacitor
CH1: VIN
CH2: BJT base
CH3: ILED pin
CH4: C5 capacitor
Figure 37. Startup at 100 Vac - 50 Hz
Figure 38. Startup at 230 Vac - 50 Hz
CH1: LED current
CH2: CS pin
CH3: VOUT
CH4: VCC pin
CH1: LED current
CH2: CS pin
CH3: VOUT
CH4: VCC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com