Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4346 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4346
Description  10 W wide range - high power factor - isolated LED driver using HVLED815PF
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4346 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4346 Datasheet HTML 25Page - STMicroelectronics AN4346 Datasheet HTML 26Page - STMicroelectronics AN4346 Datasheet HTML 27Page - STMicroelectronics AN4346 Datasheet HTML 28Page - STMicroelectronics AN4346 Datasheet HTML 29Page - STMicroelectronics AN4346 Datasheet HTML 30Page - STMicroelectronics AN4346 Datasheet HTML 31Page - STMicroelectronics AN4346 Datasheet HTML 32Page - STMicroelectronics AN4346 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Electrical waveform
AN4346
30/33
DocID025107 Rev 1
3.7
Output short-circuit
During a short of the output connector, all the energy stored in the output electrolytic
capacitor is discharged into the output side loop and no current will flow into the external
LED preventing their failure.
The converter is able to regulate the output current to a minimum level reducing the input
power during this fail.
Figure 45. Short-circuit behavior at 100 Vac
- 50 Hz
Figure 46. After short-circuit at 100 Vac - 50 Hz
CH1: DRAIN pin
CH2: CS pin
CH3: VOUT
CH4: VCC pin
CH1: DRAIN pin
CH2: CS pin
CH3: VOUT
CH4: VCC pin
Figure 47. Short-circuit behavior at 30 Vac
- 50 Hz
Figure 48. After short-circuit at 230 Vac - 50 Hz
CH1: DRAIN pin
CH2: CS pin
CH3: VOUT
CH4: VCC pin
CH1: DRAIN pin
CH2: CS pin
CH3: VOUT
CH4: VCC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com