Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 2Page - STMicroelectronics AN4460 Datasheet HTML 3Page - STMicroelectronics AN4460 Datasheet HTML 4Page - STMicroelectronics AN4460 Datasheet HTML 5Page - STMicroelectronics AN4460 Datasheet HTML 6Page - STMicroelectronics AN4460 Datasheet HTML 7Page - STMicroelectronics AN4460 Datasheet HTML 8Page - STMicroelectronics AN4460 Datasheet HTML 9Page - STMicroelectronics AN4460 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Demonstration board features
AN4460
6/54
DocID026129 Rev 1
1
Demonstration board features
The STEVAL-ILL057V1 demonstration board implements the following features:
 Four independent LED channels (external LEDs)
 3 to 10 LEDs per channel, connected in series
 Average LED current independently adjustable from 245 mA to 1065 mA with
~82 mA/step resolution
 LED brightness adjustable via PWM dimming (256 steps independent for each channel)
 Board power supply voltage (VLED_PW) from 12 V to 48 V based on the longest LED string
(external AC-DC power supply not included)
 Real-time fault detection and protection, such as open or short-circuit, independent for
each channel
 Board configuration (chain current, LED numbers, etc.) accessible via USB-UART
interfaces
 Three buttons to adjust the LED brightness for each channel
 Two status LEDs: green = ready-run, red = fault
Warning:
The user is responsible for configuring correctly the board
before connecting any LED string.
The user configures the right values according to the following parameters:
Number of LEDs connected on each channel (from 3 to 10)
Average LED current desired on each LED channel (from 245 mA to 1065 mA)
200 Hz PWM dimming duty cycle for each LED channel (from 0% to 100% in 256
steps)
Board power supply voltage (from 12 V to 48 V)
The number of LEDs, the current and the PWM dimming working point can be set through
the command interpreter accessible via the serial interface (Section 7.3 on page 28).
Alternatively, PWM dimming can also be manually adjusted via two on-board buttons.
The firmware installed on the STLUX385A automatically computes, for each LED string:
Primary frequency upper and lower limits (400 kHz to 15 kHz with frequency step
generated by PLL at 96 MHz - auto-setup)
Primary frequency duty cycle depending on the selected current, number of LEDs and
power voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com