Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 16Page - STMicroelectronics AN4460 Datasheet HTML 17Page - STMicroelectronics AN4460 Datasheet HTML 18Page - STMicroelectronics AN4460 Datasheet HTML 19Page - STMicroelectronics AN4460 Datasheet HTML 20Page - STMicroelectronics AN4460 Datasheet HTML 21Page - STMicroelectronics AN4460 Datasheet HTML 22Page - STMicroelectronics AN4460 Datasheet HTML 23Page - STMicroelectronics AN4460 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
SMED implementation
AN4460
20/54
DocID026129 Rev 1
4.4
SMED state time evolution
Figure 6 describes the SMED state time evolution. Only one PWM period is illustrated.
Figure 6. SMED state evolution. Timing
The colors identify the case of a correct or incorrect situation:
The black trace is the output current observed during a correct setup where the SMED
evolution is triggered by timer events only. In this case, no event_Seq or event_Jmp
are received; note that S2 may not have reached the peak level during S(2).
The blue trace represents the situation where the current reaches the limit point
(event_Seq) during S(2).
The red line shows the SMED evolution when an OCP event (event_Jmp) is detected
during S1. The SMED is programmed to generate an interrupt when an OCV condition
happens. The main program receives the interrupt and stops the SMED.
STATE
IDLE
S(0)
PWM
time
Current
S(1)
S(2)
S(0)
Fault zone
Current limit
off time
Fixed-
33% TON
132%
TON +20%
Current limit
Fault OCP
OK
OK
S(4)
off time
Fixed-
AM16706v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com