Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 20Page - STMicroelectronics AN4460 Datasheet HTML 21Page - STMicroelectronics AN4460 Datasheet HTML 22Page - STMicroelectronics AN4460 Datasheet HTML 23Page - STMicroelectronics AN4460 Datasheet HTML 24Page - STMicroelectronics AN4460 Datasheet HTML 25Page - STMicroelectronics AN4460 Datasheet HTML 26Page - STMicroelectronics AN4460 Datasheet HTML 27Page - STMicroelectronics AN4460 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Firmware implementation
AN4460
24/54
DocID026129 Rev 1
which uses two interrupts to read or write characters to the serial line. The serial interrupts
use the lowest priority level among all the other sources (STMR, AWU, SMED and ADC).
5.3
Printf
The STLUX385A firmware implements the standard “printf()” subroutine, which takes
several cycles to expand the printed strings and the operation delay real-time events. It is
suggested the use of “printf” in production code is minimized or removed.
5.4
Low power modes
The STLUX385A may enter low power modes through the instruction WFI (wait for
interrupt), where the internal CPU is stopped until an interrupt is received.
The “wi” console command instruction allows the user to use the WFI instruction (see
Section 7.4.10 on page 33).
The user may implement more aggressive low power schemes via new software routines.
For example, the STLUX385A power consumption efficiency could be increased by
disabling the SMEDs and the 96 MHz PLL while the LED string is completely switched OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com