Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 14Page - STMicroelectronics AN4460 Datasheet HTML 15Page - STMicroelectronics AN4460 Datasheet HTML 16Page - STMicroelectronics AN4460 Datasheet HTML 17Page - STMicroelectronics AN4460 Datasheet HTML 18Page - STMicroelectronics AN4460 Datasheet HTML 19Page - STMicroelectronics AN4460 Datasheet HTML 20Page - STMicroelectronics AN4460 Datasheet HTML 21Page - STMicroelectronics AN4460 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
SMED implementation
AN4460
18/54
DocID026129 Rev 1
S(1): fault zone
This state is used to prevent damages due to an external malfunction (either
a hardware problem or an extreme fluctuation of the input voltage). The PWM
output line is set high during the transaction between S(0) and S(1) and turns the
MOSFET ON, leaving the current flow through the LEDs and the sense resistor. In
normal conditions, the current shouldn't reach the peak during S(1) and the S(2)
timer overflows, pushing the SMED to S(2). The S(1) time is set to be equal 33%
of the total TON state (S(1) + S(2)) maximum time. In exceptional conditions, the
CPPx signal arrives earlier, the S(1) timer expires and the SMED evolves to S(3)
(OCP). CPPx indicates the overcurrent in the circuit. The SMED timer is cleared
on exit.
Event_Jmp = event(1).
Event_Seq = TIM_Cnt.
On exit to S(3): clear SMED timer; set PWM to OFF.
On exit to S(2): do not clear SMED timer; turn ON the PWM output.
S(2): current limit
This state is used to find the current peak in normal conditions. The current peak is
imposed by the voltage configured on the DAC. When the CPPx event is detected,
the SMED advances to the S(0) state. During this state, the output PWM line is
high and the MOSFET is ON. A timer overflow indicates that the current has not
reached the selected peak, for example because the LED string is not attached.
This time is computed by the (66% + 20%)*2 equation 3. On exit, the PWM output
is set to 0 V, switching OFF the MOSFET. The next state is the non-sequential
state S(0).
Event_Jmp = N/A.
Event_Seq = Event(1) OR TIM_Cnt (“and/or” bit guarantees a non-sequential
jump).
On exit to S(0): reset timer, set PWM to 0.
S(3): overcurrent protection
When Event_Jmp is received during state S(1), the SMED has found an OCP
(overcurrent protection) event and goes to S(3). During the transaction, the PWM
output line is set to 0 V in order to turn the MOSFET OFF. The S(3) timer is set to
its maximum value (0x1F0 = 5 µs) to protect the hardware. When the SMED timer
overflows, the SMED advances to sequential S(0) state. The transaction also
generates an internal interrupt and the software can monitor the OCP and stop the
SMED evolution.
Event_Jmp = N/A.
Event_Seq = TIM_Cnt.
On exit to S(0): reset timer, generate SW interrupt.
HOLD S(0)
This state starts from S(1) when the software needs to stop the SMED evolution,
due to the dimming duty cycle OFF time. HOLD is also used when OCP is
detected during S(1). The PWM output line on HOLD state is 0 and the MOSFET
is OFF. When the FW sets the SWx bit to 1, the SMED goes back to S(1).
Note:
The register associated to the SMED is updated when either the SMED is on HOLD state
(during the dimming off-time) or the output PWM line is zero (S0 state).This approach
guarantees that the PWM output is always set to 0 when the new parameters are applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com