Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 4Page - STMicroelectronics AN4460 Datasheet HTML 5Page - STMicroelectronics AN4460 Datasheet HTML 6Page - STMicroelectronics AN4460 Datasheet HTML 7Page - STMicroelectronics AN4460 Datasheet HTML 8Page - STMicroelectronics AN4460 Datasheet HTML 9Page - STMicroelectronics AN4460 Datasheet HTML 10Page - STMicroelectronics AN4460 Datasheet HTML 11Page - STMicroelectronics AN4460 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Getting started with the STEVAL-ILL057V1 demonstration board
AN4460
8/54
DocID026129 Rev 1
2
Getting started with the STEVAL-ILL057V1
demonstration board
This section aims to help designers to correctly power up and control the demonstration
board in a short time. It describes how the board is connected to the load and how the serial
command line and the board buttons control the light/color of the LED strings.
The STEVAL-ILL057V1 board provides 4 independent LED channels and the user can
connect up to 4 different LED chains (not included in the STEVAL-ILL057V1 package). The
board is configured to control standard LEDs with a forward voltage (VF) between 2.9
(“V_LMIN”) and 4.2 (“V_LMAX”) on each LED. The limits are defined in the firmware and
they can be changed by modifying the source code (see [#define V_LMIN] and [#define
V_LMAX] into “led.h”). Alternatively, the user can simulate the required voltage drop by
configuring, via the (ln command) an apparent incorrect number of LEDs.
The LED numbers and the current associated are configured via the serial command
defined in Section 7.3 on page 28.
The board accepts a DC input power in the range 12 V - 48 V. The user chooses the correct
input voltage depending on the LED numbers and the voltage drop. The firmware accepts
a minimum voltage of 2.8 V (“V_COM_MIN”) across the inductances when the MOSFET is
ON. If an incorrect power voltage value is set up, the LED current is not regulated correctly
but the STLUX385A prevents the external LED module from damage. The only way to
damage an external LED module is to configure a current over the maximum accepted by
the LED module or define a number of LEDs different from those used. When a new LED
module is applied to the board, it is recommended the user to start with the minimum current
(“lc x 0") and with the dimming OFF (“ll x 0). Note that the firmware stores the last serial
commands (LED number, LED current, LED dimming and adaptive voltage compensation
enable/disable) on the internal E2PROM and applies those values at power-on or reset.
First power-on procedure
The following section describes a step-by-step procedure, which guarantees a correct
power-on during the first configuration of the board.
The guide assumes that the following elements are available:
STEVAL-ILL057V1 board
USB TTL serial cable shipped with the board
Power supply
Computer running Windowsoperating system
LED string
It is recommended the LED string to be disconnected before the first startup.
The first power-on instructions as follows:
1.
Connect the USB TTL serial cable to the USB port of the computer. Windows
recognizes the cable as a TTL and launches the driver installation.
2.
Install the appropriate USB TTL serial cable drivers. The drivers are the “virtual COM
port (VCP)” and they are provided by FTDI (www.ftdichip.com). Should you need any
help install the drivers, please refer to your IT administrator. Once the drivers are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com