Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 15Page - STMicroelectronics AN4460 Datasheet HTML 16Page - STMicroelectronics AN4460 Datasheet HTML 17Page - STMicroelectronics AN4460 Datasheet HTML 18Page - STMicroelectronics AN4460 Datasheet HTML 19Page - STMicroelectronics AN4460 Datasheet HTML 20Page - STMicroelectronics AN4460 Datasheet HTML 21Page - STMicroelectronics AN4460 Datasheet HTML 22Page - STMicroelectronics AN4460 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
DocID026129 Rev 1
19/54
AN4460
SMED implementation
54
4.3
Input/output signals
The SMED uses the following list of input/output signals and pins:
PWMx: PWM output signal
The signal is fed into the MOSFET's driver input to control the MOSFET's
switching state. The PWM operates according to the TON and TOFF time faced in
Section 2 on page 8. When the PWM is high, the MOSFET is ON and vice versa.
When the supply voltage of the STLUX385A is 5 V, the output signal can be
directly connected to the MOSFET. Instead, when the supply voltage is 3.3 V, the
PM8834 buffer is required.
CPPx: comparator input signal
CPPx receives the current sense signal and compares it to the internal DAC value.
When the voltage on CPPx pin is higher than the DAC value, the output of the
internal analog comparator goes high, and vice versa. The comparator output is
the event(1) internal signal. Event(1) is programmed at level mode so that the
SMED can detect immediately the eventual anomaly during S(1). If edge mode
was used and the anomaly happened outside S(1) then S(1) wouldn't receive the
edge event. There are only two SMED states that check for this event: fault zone
(S1) and current limit (S2).
SWx: software event
Used to start and pause the SMED. When the SMED is paused, the PWM output
has to be set to 0. The SWx event is used during S(0) to pause the SMED and
during HOLD to restart. The event is programmed at level mode and is used by
the software to define the dimming duty cycle period. Thanks to the event mode,
the SW trigger is detected by S(0) even if the SW edge happens while the SMED
is in a different state then S(0). In this case, the SMED completes the cycle,
reaches S(0), captures the SW level and goes on HOLD.
DIGINx: zero current detection
The pin is used for zero current detection while it is in transition mode. At the
moment the transition mode is a proposal and the pin is not managed.
VCOM0
The voltage applied to the pin is read by the STLUX385A ADC and it is used to
compute the TON time and the TOFF time. The voltage is captured 100 ns after the
beginning of the ON portion of the dimming cycle as the current is expected to
reach the correct value.
VLED_PW
The voltage applied to this pin is read by the STLUX385A ADC and is used to
compute the TON time and the TOFF time. It is acquired at the same time of the
VCOM0 voltage using the 8 values, four for VCOM0 and four for VLED_PW -
interleaved, stored by the ADC in registers ADC_DATH< 7-0 > and ADC_DATL<
7-0>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com