Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 38Page - STMicroelectronics AN4460 Datasheet HTML 39Page - STMicroelectronics AN4460 Datasheet HTML 40Page - STMicroelectronics AN4460 Datasheet HTML 41Page - STMicroelectronics AN4460 Datasheet HTML 42Page - STMicroelectronics AN4460 Datasheet HTML 43Page - STMicroelectronics AN4460 Datasheet HTML 44Page - STMicroelectronics AN4460 Datasheet HTML 45Page - STMicroelectronics AN4460 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
Measurements
AN4460
42/54
DocID026129 Rev 1
Figure 22. Current regulation vs. VPW_LED: 10 LEDs
8.4
Current regulation validation
Table 5 compares the real current values, as captured by the oscilloscope, with the
expected ones as configured by the user. The input power voltage is fixed and set at the
middle of the usable range. The current is the mathematical average current (not the peak
current) as got and calculated by the scope.
0
0.2
0.4
0.6
0.8
1
1.2
13V
16V
20V
24V
28V
32V
36V
40V
44V
48V
1.065A
738mA
492mA
329mA
254mA
AM16722v1
Table 5. Current regulation discrepancies
Command
3 LEDs – 20 V
6 LEDs – 32 V
10 LEDs – 44 V
Expected
lc x 0
0.251 A
0.254 A
0.255 A
0.245 A
lc x 1
0.329 A
0.333 A
0.333 A
0.329 A
lc x 2
0.407 A
0.414 A
0.413 A
0.410 A
lc x 3
0.486 A
0.493 A
0.492 A
0.492 A
lc x 4
0.563 A
0.571 A
0.570 A
0.574 A
lc x 5
0.639 A
0.647 A
0.646 A
0.648 A
lc x 6
0.715 A
0.725 A
0.724 A
0.738 A
lc x 7
0.791 A
0.802 A
0.800 A
0.819 A
lc x 8
0.867 A
0.879 A
0.877 A
0.901 A
lc x 9
0.943 A
0.957 A
0.955 A
0.984 A
lc x 10
1.016 A
1.031 A
1.030 A
1.065 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com