Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 13Page - STMicroelectronics AN4460 Datasheet HTML 14Page - STMicroelectronics AN4460 Datasheet HTML 15Page - STMicroelectronics AN4460 Datasheet HTML 16Page - STMicroelectronics AN4460 Datasheet HTML 17Page - STMicroelectronics AN4460 Datasheet HTML 18Page - STMicroelectronics AN4460 Datasheet HTML 19Page - STMicroelectronics AN4460 Datasheet HTML 20Page - STMicroelectronics AN4460 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
DocID026129 Rev 1
17/54
AN4460
SMED implementation
54
4.2
State description
The STEVAL-ILL057V1 demonstration board uses four independent SMEDs, one for each
LED string. All the SMEDs use the same configuration and share the same control
algorithm. This section describes a single SMED but the same principles are applied to all
the SMEDs. Figure 5 shows the SMED state evolution:
Figure 5. SMED state evolution
A state is defined by the Sx symbol while a transaction between two states is represented
by a line. A transaction is generated by an event, displayed as text on the line. The event
TIM_Cnt (x) is generated by the timer when it reaches the value configured in State x. An
event (line) represents an event generated by the input line. The inputs associated to
a SMED are defined in Section 4.1.
Each SMED has 3 associated events, marked as event (line) in Figure 5. Each event can
be: type Event_Seq or Event_Jmp. While Event_Seq events push the state machine to the
next sequential state, Event_Jmp allows the state machine to reach any state.
Each state is here described:
IDLE: initial state
This is the SMED initial state. The PWM line is set to 0 to keep the MOSFET OFF.
The next state is S(0) and it is automatically entered when the SMED starts. On
exit: clear timer AND set PWM to ON.
S(0): off-time
This state implements the FOT time and the output PWM line is set at 0 V. S(0)
enters the HOLD state when the SWx bit (event 2) is set to 0 or it goes to S(1) if
the timer reaches the FOT time. The SMED timer is cleared on exit.
Event_Jmp = Hold jump ON = event(2).
Event_Seq = TIM_Cnt.
On exit: clear timer AND set PWM to ON.
S0
S1
S2
S3
IDLE
HOLD
S0
TIM_Cnt(2) OR
event(1)
TIM_Cnt(1)
TIM_Cnt(0)
event(1) - ON
event(2) - ON
event(2) - OFF
start
TIM_Cnt(3)
Interrupt on exit
AM16705v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com