Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 8Page - STMicroelectronics AN4460 Datasheet HTML 9Page - STMicroelectronics AN4460 Datasheet HTML 10Page - STMicroelectronics AN4460 Datasheet HTML 11Page - STMicroelectronics AN4460 Datasheet HTML 12Page - STMicroelectronics AN4460 Datasheet HTML 13Page - STMicroelectronics AN4460 Datasheet HTML 14Page - STMicroelectronics AN4460 Datasheet HTML 15Page - STMicroelectronics AN4460 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
Design concept
AN4460
12/54
DocID026129 Rev 1
Equation 4
Where Tx is the time to search current and it is equal to 20% of TON. The extra time has two
effects: the former, during the dimming operation, allows a quicker response from OFF to
ON transition; the latter prevents a frequency lower than 15 kHz (in the audible spectrum).
On the board the circuit for the transition mode principle is also present but it is not
described in this AN.
3.1
LED channel schematic
To implement the FOT principle and to use the STLUX385A microcontroller, the following
schematic (single LED chain) is used. It represents a standard reverse buck structure. The
STLUX385A applies the PWM frequency via the PWM0 signal and monitors the voltage of
the VCOM0 signal. It also monitors the LED current during the “on-time” by sensing the
voltage present at CPP3 line. The VLED signal is calculated by the subtraction from VLED_PW
and VCOM0. The VCOM0 signal is acquired 100 µs after the PWM dimming starts.
The schematic for a single LED channel is reported in Figure 4:
Figure 4. Schematic - LED channel 0
Explanation:
The LED chain is connected to the J6 connector.
The MOSFET Q2 drives the current from LED_PW to the LED channel and the
inductor L3, charging it. The Inductor L3 is defined for all selectable current ranges.
Should the user change the inductor values, some parameters, described in this AN,
such as the K constant, have to be recalculated.
The resistors R28 and R29 act as a shunt resistor to sense the current through the
LEDs. The current signal is then fed to CPP3 pin through an RC filter represented by
the resistor R23 and the capacitor C14. The filter removes the spike caused by the
TON MAX

TON
TON 0.2

+
x2
2.4xTON
==
CPP3
L3
470uH
1,2A sat
1
2
PWM0
R29
1R8
1W 1%
from 240 mA to 1 A
C11
100nF
100V
U2
PM8834
1
2
3
4
5
6
7
8
EN1
PWM1
GND
PWM2
OUT2
VCC
OUT1
EN2
C16
10nF
GND
D6
STPS0560Z
RS-250-347
CPP3
J6
CH0
GND
GATE_PWM0
GND
Cut Freq = 723 KHz
VCOM0
LED_PW
82 mA step
+
VD_10
R39
5K1
TP19
-
GND
D4
STPS2H100A
RS-249-612
2
1
PWM0
GND
R28
1R8
1W 1%
GND
LED_PW
GATE_PWM0
C14
1nF
Q4
2N7002
1
R25
26K1
D8 LL4148
GND
GATE_PWM0
+ C12
1uF
100V
R19
26K1
Q2
STN3NF06L
1
GND
VCOM0
R37
1K2
R23
160R
R21
10R
C18
10nF
GND
GND
AM16704v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com