Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4460 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 7Page - STMicroelectronics AN4460 Datasheet HTML 8Page - STMicroelectronics AN4460 Datasheet HTML 9Page - STMicroelectronics AN4460 Datasheet HTML 10Page - STMicroelectronics AN4460 Datasheet HTML 11Page - STMicroelectronics AN4460 Datasheet HTML 12Page - STMicroelectronics AN4460 Datasheet HTML 13Page - STMicroelectronics AN4460 Datasheet HTML 14Page - STMicroelectronics AN4460 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
DocID026129 Rev 1
11/54
AN4460
Design concept
54
3
Design concept
The STEVAL-ILL057V1 demonstration board is based on a modified buck topology
(reversed buck) and the fixed-off-time (FOT) principle is used to regulate the current into
each LED string. The advantage of the FOT principle is that the high frequency current
ripple and, therefore, the average LED current depend only on the off-time and the LED
output voltage. With a fixed-off-time, the output voltage depends on the temperature and the
number of LEDs. To compensate this effect, the STLUX385A implements the adaptive
voltage compensation algorithm, which constantly monitors the LED voltage drop and
adjusts the off-time. The input voltage variations do not affect the average current.The
average LED current is directly controlled by regulating the LED peak current (configurable),
which is sensed during the MOSFET on-time.
While the off-time parameter is fixed, the on-time is a function of the time that the current
takes to reach the selected level: this time depends on the LED current, power voltage and
LED voltage. The firmware implements the following two functions to compute the OFF and
ON-time:
Equation 1
Equation 2
where:
VLED: output voltage of the LED string (equal to VLED_PW -VCOMx signals on the
schematics)
IMAX: maximum (peak) current imposed by user and defined by Table 1 (near
92 mA/step)
IAVR: current imposed by design (IMAX - 10%)
L: inductance imposed by design (470 µH)
VLED_PW: input voltage present at the main power pin
The on-time calculated in Equation 2 has to be considered as an ideal value: the real one is
actually a consequence of the triggering of a comparator monitoring the peak value of the
LED current. For this reason, a percentage of the calculated on-time is added (Tx). This is
empirically imposed by adding 20% to the on-time and doubling the resulting value.
Equation 3
TOFF
2IMAX IAVR
–

 L
VLED
-----------------------------------------------------------
=
TOFF
2IMAX IAVR
–

 L
VLED_PW VLED
–
-----------------------------------------------------------
=
TON MAX

TON TX
+
 2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com