Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4192 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 7Page - STMicroelectronics AN4192 Datasheet HTML 8Page - STMicroelectronics AN4192 Datasheet HTML 9Page - STMicroelectronics AN4192 Datasheet HTML 10Page - STMicroelectronics AN4192 Datasheet HTML 11Page - STMicroelectronics AN4192 Datasheet HTML 12Page - STMicroelectronics AN4192 Datasheet HTML 13Page - STMicroelectronics AN4192 Datasheet HTML 14Page - STMicroelectronics AN4192 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
AN4192
High-side MOSFET selection
Doc ID 023820 Rev 1
11/47
Figure 6.
Efficiency comparison @ 440 kHz
As can be clearly seen, the high-side 2 has the best efficiency in the whole current range,
because of the switching loss minimization (see (1)).
Now, let's consider the converter performance, with the same MOSFET configurations, at
two different switching frequencies: 300 kHz and 440 kHz. Increasing fSW, the converter
efficiency decreases, as some power losses increase with the frequency (switching losses,
HS/LS gate drive and LS reverse recovery losses, etc.…). Furthermore, the importance of a
high switching speed rises when the switching frequency increases. In Figure 6 and
Figure 7, the efficiency curves at 300 kHz and 440 kHz are illustrated.
Figure 7.
Efficiency @ 300 kHz
Table 1.
HS FETs electrical parameters comparison
BV [V]
RDS(on) [mΩ]Qg,SW [nC]
High-side 1
30
9.2 / 10.5
6.85
High-side 2
7.3 / 8.3
4.65
High-side 3
7.6 / 9.5
9.25
High-side 4
7.0 / 9.0
7
AM16450V1
AM16451V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com