Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4192 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 38Page - STMicroelectronics AN4192 Datasheet HTML 39Page - STMicroelectronics AN4192 Datasheet HTML 40Page - STMicroelectronics AN4192 Datasheet HTML 41Page - STMicroelectronics AN4192 Datasheet HTML 42Page - STMicroelectronics AN4192 Datasheet HTML 43Page - STMicroelectronics AN4192 Datasheet HTML 44Page - STMicroelectronics AN4192 Datasheet HTML 45Page - STMicroelectronics AN4192 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
Low-side FET selection
AN4192
42/47
Doc ID 023820 Rev 1
3.6
Phase node spike - VCORE relationship
Let's consider the impact of a different output voltage on the phase node ringing. In
Figure 53 the schematic of a 3-phase synchronous buck converter (VIN = 12 V, VOUT = 1.25
V, fSW = 270 kHz, 2 x HS, 2 x LS, IOUT = 75 A) is depicted. External gate resistances are
connected to HS (2.2
Ω) and LS (2.2 Ω) FETs. An RC snubber network (RSNUB = 2.2 Ω,
CSNUB = 4.7 nF) is used to smooth the phase node.
Figure 53.
3-phase synchronous buck converter
Adjusting a 6-pin DIP switch configuration, it is possible to change the converter output
voltage, from 2.5 V to 3.3 V. In Figure 54 and 55, the relevant waveforms are reported.
AM16461V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com