Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4192 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 13Page - STMicroelectronics AN4192 Datasheet HTML 14Page - STMicroelectronics AN4192 Datasheet HTML 15Page - STMicroelectronics AN4192 Datasheet HTML 16Page - STMicroelectronics AN4192 Datasheet HTML 17Page - STMicroelectronics AN4192 Datasheet HTML 18Page - STMicroelectronics AN4192 Datasheet HTML 19Page - STMicroelectronics AN4192 Datasheet HTML 20Page - STMicroelectronics AN4192 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
AN4192
High-side MOSFET selection
Doc ID 023820 Rev 1
17/47
Figure 16.
Asymmetric HS gate drive circuit
Figure 17.
3-phase synchronous buck converter
Let's now consider a 3-phase synchronous buck converter (Figure 17) (VIN = 12 V, VOUT =
1.25 V, fSW = 270 kHz, 2 x HS, 2 x LS, IOUT = 75 A). External gate resistances are
connected to HS (2.2
Ω) and LS (2.2 Ω) FETs. An RC snubber network (RSNUB = 2.2 Ω,
CSNUB =4.7nF)is usedto smooththephasenode.Two differentHSdriving configurations
(standard with RG,EXT = 2.2 Ω, “asymmetric gate drive” with RG1 = 3.9 Ω, RG1 = 1.8 Ω) are
compared in terms of phase node ringing and efficiency comparison. In Figure 18 and 19
the phase node waveforms of the two configurations are shown.
AM16460V1
AM16461V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com