Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4192 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 20Page - STMicroelectronics AN4192 Datasheet HTML 21Page - STMicroelectronics AN4192 Datasheet HTML 22Page - STMicroelectronics AN4192 Datasheet HTML 23Page - STMicroelectronics AN4192 Datasheet HTML 24Page - STMicroelectronics AN4192 Datasheet HTML 25Page - STMicroelectronics AN4192 Datasheet HTML 26Page - STMicroelectronics AN4192 Datasheet HTML 27Page - STMicroelectronics AN4192 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Low-side FET selection
AN4192
24/47
Doc ID 023820 Rev 1
Figure 25.
High-CRSS LS FET phase node waveform @ 80 A
As shown in previous images, the “high-CRSS” device has lower phase node spike (18.8 V
vs. 30.7 V of the low-CRSS FET).
The right value of the Miller capacitance allows a good improvement on the LS switching
behavior, reducing the maximum phase node spike, without detrimental effects on other
device features (shoot-through issue, LS gate-source bouncing). Increasing the CRSS value,
we obtain some important effects on LS performance:
a)
Low-side FET intrinsic slow-down.
b)
“Intrinsic and VDS linked” R-C snubber (Rgate - CRSS) effect (Rgate is the total gate
resistance): at HS turn-on, the Miller capacitance is in series with the total gate
resistance, creating an “intrinsic” snubber. The capacitive effect is linked to the
applied VDS across the LS FET.
c)
Higher CRSS value causes a “sub-threshold” conduction, which helps to divert the
load current from the body diode (during the deadtime) to the channel, reducing
the reverse recovery process stresses.
3.3
LS body-drain diode Qrr (reverse recovery charge)
During the deadtime, when both HS and LS FETs are in the OFF-state, the load current
cannot immediately drop to zero so it flows through the LS body-drain diode, that is forward
biased (VDS,LS = -0.7 V). In Figure 26, the red arrow represents the load current flowing
through the body diode. The charge stored in the body diode depends mainly on the load
current amplitude and the deadtime length. This charge must be removed before the LS can
sustain voltage (OFF-state). In Figure 27, from T0 to T1, the body diode current becomes
negative, depleting the excess charge stored. In this period, the LS body diode acts as the
energy source, delivering energy to other components. When the stored charge is totally
AM16469V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com