Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4192 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 14Page - STMicroelectronics AN4192 Datasheet HTML 15Page - STMicroelectronics AN4192 Datasheet HTML 16Page - STMicroelectronics AN4192 Datasheet HTML 17Page - STMicroelectronics AN4192 Datasheet HTML 18Page - STMicroelectronics AN4192 Datasheet HTML 19Page - STMicroelectronics AN4192 Datasheet HTML 20Page - STMicroelectronics AN4192 Datasheet HTML 21Page - STMicroelectronics AN4192 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
High-side MOSFET selection
AN4192
18/47
Doc ID 023820 Rev 1
Figure 18.
Phase node waveform - standard configuration
Figure 19.
Phase node waveform - HS asymmetric gate drive configuration
Looking at the previous waveforms, due to the reduced HS turn-on speed, there is a clear
reduction of the phase node spike (21 V vs. 24.4 V), when the HS asymmetric gate drive is
used. Moreover, the LS gate-source bouncing, induced at HS turn-on, is smoothed.
Comparing the efficiency curves (Figure 20), the asymmetric gate drive has slightly better
efficiency (+0.7% at full load). This can be explained considering that:
1.
The HS turn-off resistor is smaller (1.8
Ω vs. 2.2 Ω) and consequently the switching
losses at turn-off are lower.
2.
Even if the HS turn-on resistor is bigger, the switching losses at turn-on are negligible.
AM16462V1
AM16463V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com