Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4192 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 16Page - STMicroelectronics AN4192 Datasheet HTML 17Page - STMicroelectronics AN4192 Datasheet HTML 18Page - STMicroelectronics AN4192 Datasheet HTML 19Page - STMicroelectronics AN4192 Datasheet HTML 20Page - STMicroelectronics AN4192 Datasheet HTML 21Page - STMicroelectronics AN4192 Datasheet HTML 22Page - STMicroelectronics AN4192 Datasheet HTML 23Page - STMicroelectronics AN4192 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Low-side FET selection
AN4192
20/47
Doc ID 023820 Rev 1
3
Low-side FET selection
The low-side FET performance can be enhanced by properly choosing the following
MOSFET electrical parameters:
1.
RDS(on) (ON-state drain-source resistance): as the LS FET is in the ON-state for a
longer time, the conduction losses, strictly related to the RDS(on) value, are the most
important power dissipation contribution. Based on the converter layout and the output
current requirements, one or more paralleled LS FETs can be used.
2.
CGD (Miller capacitance): it affects the LS switching behavior, in terms of phase node
spike and dVphase/dt. On the other hand, too high CGD values increase the LS
“switching charge” (QG,SW): in high frequency applications or when more LS FETs are
paralleled to reduce the RDSon, this may increase the switching and gate drive losses,
even if the LS switches at nearly ZVS (due to its body diode conduction).
3.
QRR (LS body-drain diode reverse recovery charge): during the deadtime (when the HS
and LS are in the HOLD state), the load current flows through the body-drain diode
(forward biased). When the HS turns on, the excess charge stored in the LS body diode
(QRR) must be removed before the phase node turns high.
4.
RG (external and intrinsic gate resistance): when no additional smoothing effects are
present (i.e. snubber network), the higher the RG, the lower the Vphase,max. The
drawback is the LS G-S spurious ringing that may induce the LS spurious turn-on
again.
Furthermore, the LS FET performance is also influenced by the RC snubber network
setting, connected between LS drain and source, which helps to smooth the phase node
noise. Another important aspect is the spurious LS gate-source bouncing, induced by the
fast rising edge of the phase node through the Miller capacitance; it is analyzed with a
particular focus on the different solutions to reduce these parasitic oscillations. Finally, the
converter output voltage (and the converter duty cycle) affects the phase node noise
behavior: the higher the VOUT, the lower the phase node overshoot, during the HS turn-on.
3.1
RDS(on) and conduction losses minimization
The LS conduction losses are given by:
Equation 4
As the converter duty cycle (for typical VRM applications) is very low (0.1 - 0.2%), the LS
FET is in the ON-state for a longer time: the conduction losses are the most important power
dissipation term. The RDS(on) minimization is crucial for the optimization of the LS
performance. Bigger die sizes are preferred, even though the device cost is a constraint. If
the output current to be delivered to the load is high, more LS can be used in parallel.
To better understand the impact of the RDS(on) on the converter efficiency, two LS FETs are
compared in a 3-phase buck converter (VIN = 12 V, VOUT = 1.25 V, fSW = 300 kHz, 2 x HS, 2
x LS, IOUT = 75 A; see Figure 21). External gate resistances are connected to HS (2.2 Ω)
and LS (2.2
Ω) FETs. An RC snubber network (RSNUB = 2.2 Ω, CSNUB = 4.7 nF) is used to
smooth the phase node.
P
COND,LS
R
DS on
() TID
2
1D
–
()
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com