Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4192 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4192
Description  In the latest generation of CPUs for modern desktop and notebook platforms
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4192 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4192 Datasheet HTML 8Page - STMicroelectronics AN4192 Datasheet HTML 9Page - STMicroelectronics AN4192 Datasheet HTML 10Page - STMicroelectronics AN4192 Datasheet HTML 11Page - STMicroelectronics AN4192 Datasheet HTML 12Page - STMicroelectronics AN4192 Datasheet HTML 13Page - STMicroelectronics AN4192 Datasheet HTML 14Page - STMicroelectronics AN4192 Datasheet HTML 15Page - STMicroelectronics AN4192 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
High-side MOSFET selection
AN4192
12/47
Doc ID 023820 Rev 1
At fSW = 300 kHz, the different “switching charge” values don't strongly affect the efficiency
curves (1.2% efficiency improvement of “high-side 2” vs. “high-side 4”). But, if we step up
the switching frequency to 440 kHz, the HS FET with the lowest QG,SW (“high-side 2”) has
the best efficiency in the overall current range, due to the switching losses reduction.
Then, high-side FETs with very low QG,SW make the design more efficient and are the best
solution in high frequency VRM applications.
2.0.2
QG,SW impact on the HS switching behavior
QG,SW, particularly QGD, also affects the high-side switching behavior during turn-on and
turn-off. Referring to the gate charge image (Figure 4), during the “Miller plateau” (from t1 to
t2) the MOSFET works in the active region (VDS > VDS,SAT), so the gate-source voltage is
constant while the drain current is the full load current. In this time interval, the MOSFET
drain-source voltage drops from high level to zero (at turn-on) or rises from zero to high level
(at turn-off) (see Figure 8). Since CGS is fully charged, the gate current flows only through
CGD, so there is a strong relationship between VDS falling edge slope and QGD:
Equation 2
IG is the total gate charging current. The bigger the Miller capacitance, the lower the VDS
slope, and vice versa.
Figure 8.
MOSFET equivalent circuit during Miller plateau
In order to show the CGD impact on the HS switching performance, two 30 V FETs (MOS1,
CGD = 76 pF @ 25 V and MOS2, CGD = 150 pF @ 25 V) are compared as high-side FETs in
a two-phase synchronous buck converter (VIN = 12 V, VOUT = 1.5 V, IOUT = 44 A, 1 x HS, 2 x
LS, fSW = 440 kHz). External HS and LS gate resistances are present in the layout (RG,HS =
2.2
Ω, RG,LS = 2.2 Ω), whereas no RC snubber network is used.
dV
DS
dt
--------------
I
G
V
GD
-----------
=
AM16452V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com