Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3216 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 4Page - STMicroelectronics AN3216 Datasheet HTML 5Page - STMicroelectronics AN3216 Datasheet HTML 6Page - STMicroelectronics AN3216 Datasheet HTML 7Page - STMicroelectronics AN3216 Datasheet HTML 8Page - STMicroelectronics AN3216 Datasheet HTML 9Page - STMicroelectronics AN3216 Datasheet HTML 10Page - STMicroelectronics AN3216 Datasheet HTML 11Page - STMicroelectronics AN3216 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Power supplies
AN3216
8/33
DocID17496 Rev 7
2.1.1
Independent A/D converter supply and reference voltage
To improve conversion accuracy, the ADC and the DAC have an independent power supply
that can be filtered separately, and shielded from noise on the PCB.
•
The ADC voltage supply input is available on a separate VDDA pin
•
An isolated supply ground connection is provided on the VSSA pin
VDDA and VREF require a stable voltage. The consumption on VDDA can reach several mA
(see IDD(ADCx), IDD(DAC), IDD(COMPx), IVDDA, and IVREF in the product datasheets for
further information).
When available (depending on the package), VREF¨ must be tied to VSSA.
On BGA 64-pin and all 100-pin or more packages
To ensure a better accuracy on low-voltage inputs and outputs, the user can connect to
VREF+, a separate external reference voltage which is lower than VDD. VREF+ is the highest
voltage, represented by the full scale value, for an analog input (ADC) or output (DAC)
signal.
•
For ADC
–
2.4 V
≤ VREF+ = VDDA for full speed (ADCCLK = 16 MHz, 1 Msps)
–
1.8 V
≤ VREF+ = VDDA for medium speed (ADCCLK = 8 MHz, 500 Ksps)
–
2.4 V
≤ VREF+ ≠ VDDA for medium speed (ADCCLK = 8 MHz, 500 Ksps)
–
1.8 V
≤ VREF+ < VDDA for low speed (ADCCLK = 4 MHz, 250 Ksps)
–
When product voltage range 3 is selected (VCORE = 1.2 V), the ADC is low speed
(ADCCLK = 4 MHz, 250 Ksps)
•
For DAC
–
1.8 V
≤ VREF+ < VDDA
On packages with 64 pins or less (except BGA package)
VREF+ and VREF- pins are not available. They are internally connected to the ADC voltage
supply (VDDA) and ground (VSSA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com