Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3216 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 10Page - STMicroelectronics AN3216 Datasheet HTML 11Page - STMicroelectronics AN3216 Datasheet HTML 12Page - STMicroelectronics AN3216 Datasheet HTML 13Page - STMicroelectronics AN3216 Datasheet HTML 14Page - STMicroelectronics AN3216 Datasheet HTML 15Page - STMicroelectronics AN3216 Datasheet HTML 16Page - STMicroelectronics AN3216 Datasheet HTML 17Page - STMicroelectronics AN3216 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Power supplies
AN3216
14/33
DocID17496 Rev 7
Figure 6. PVD thresholds
2.3.3
Brownout reset (BOR)
During power on, the brownout reset (BOR) keeps the device under reset until the supply
voltage reaches the specified VBOR threshold.
For devices operating from 1.65 to 3.6 V, the BOR option is not available and the power
supply is monitored by the POR/PDR. As the POR/PDR thresholds are at 1.5 V, a “grey
zone” exists between the VPOR/VPDR thresholds and the minimum product operating voltage
1.65 V.
For devices operating from 1.8 to 3.6 V, the BOR is always active at power on and its
threshold is 1.8 V.
When the system reset is released, the BOR level can be reconfigured or disabled by option
byte loading.
If the BOR level is kept at the lowest level, 1.8 V at power-on and 1.65 V at power down, the
system reset is fully managed by the BOR and the product operating voltages are within
safe ranges.
When the BOR option is disabled by option byte, the power down reset is controlled by the
PDR and a “grey zone” exists between the 1.65 V and VPDR.
VBOR is configured through device option bytes. By default, level 4 threshold is activated.
Five programmable VBOR thresholds can be selected (see product datasheets for actual
VBOR0 to VBOR4 thresholds).
When the supply voltage (VDD) drops below the selected VBOR threshold, a device reset is
generated. When the VDD is above the VBOR upper limit the device reset is released and the
system can start.
BOR can be disabled by programming the device option bytes. To disable the BOR function,
VDD must have been higher than VBOR0 to start the device option byte programming
sequence. The power-on and power-down is then monitored by the POR and PDR (see
power-on reset (POR)/power-down reset (PDR) section in the product datasheets).
The BOR threshold hysteresis is ~100 mV (between the rising and the falling edge of the
supply voltage).
VDD/VDDA
PVD output
100 mV
hysteresis
PVD threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com