Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3216 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 20Page - STMicroelectronics AN3216 Datasheet HTML 21Page - STMicroelectronics AN3216 Datasheet HTML 22Page - STMicroelectronics AN3216 Datasheet HTML 23Page - STMicroelectronics AN3216 Datasheet HTML 24Page - STMicroelectronics AN3216 Datasheet HTML 25Page - STMicroelectronics AN3216 Datasheet HTML 26Page - STMicroelectronics AN3216 Datasheet HTML 27Page - STMicroelectronics AN3216 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Debug management
AN3216
24/33
DocID17496 Rev 7
5.3.3
Internal pull-up and pull-down resistors on JTAG pins
The JTAG input pins must not be floating since they are directly connected to flip-flops which
control the debug mode features. Special care must be taken with the SWCLK/TCK pin that
is directly connected to the clock of some of these flip-flops.
To avoid any uncontrolled I/O levels, the STM32L1xxx embeds internal pull-up and pull-
down resistors on the JTAG input pins:
•
JNTRST: internal pull-up
•
JTDI: internal pull-up
•
JTMS/SWDIO: internal pull-up
•
TCK/SWCLK: internal pull-down
Once a JTAG I/O is released by the user software, the GPIO controller takes control again.
The reset states of the GPIO control registers put the I/Os in the following equivalent states:
•
JNTRST: input pull-up
•
JTDI: input pull-up
•
JTMS/SWDIO: input pull-up
•
JTCK/SWCLK: input pull-down
•
JTDO: input floating
The software can then use these I/Os as standard GPIOs.
Note:
The JTAG IEEE standard recommends to add pull-up resistors on TDI, TMS and nTRST
but, there is no special recommendation for TCK. However, for the STM32L1xxx, an
integrated pull-down resistor is used for JTCK.
Having embedded pull-up and pull-down resistors removes the need to add external
resistors.
5.3.4
SWJ debug port connection with standard JTAG connector
Figure 14 shows the connection between the STM32L1xxx and a standard JTAG connector.
Figure 14. JTAG connector implementation
ai14376b
VDD
VDD
STM32L1xxx
nJTRST
JTDI
JSTM/SWDIO
JTCK/SWCLK
JTDO
nRSTIN
(1) VTREF
(3) nTRST
(5) TDI
(7) TMS
(9) TCK
(11) RTCK
(13)TDO
(15) nSRST
(17) DBGRQ
(19) DBGACK
10 k
10 k
10 k
VSS
(2)
(4)
(6)
(8)
(10)
(12)
(14)
(16)
(18)
(20)
Connector 2 × 10
JTAG connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com