Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3216 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 8Page - STMicroelectronics AN3216 Datasheet HTML 9Page - STMicroelectronics AN3216 Datasheet HTML 10Page - STMicroelectronics AN3216 Datasheet HTML 11Page - STMicroelectronics AN3216 Datasheet HTML 12Page - STMicroelectronics AN3216 Datasheet HTML 13Page - STMicroelectronics AN3216 Datasheet HTML 14Page - STMicroelectronics AN3216 Datasheet HTML 15Page - STMicroelectronics AN3216 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Power supplies
AN3216
12/33
DocID17496 Rev 7
Figure 4. Power supply supervisors
1. The PVD is available on all STM32L devices and it is enabled or disabled by software.
2. The BOR is available only on devices operating from 1.8 to 3.6 V, and unless disabled by option byte it
masks the POR/PDR threshold.
3. When the BOR is disabled by option byte, the reset is asserted when VDD goes below PDR level.
4. For devices operating from 1.65 to 3.6 V, there is no BOR and the reset is released when VDD goes above
POR level and asserted when VDD goes below PDR level.
V
DD /VDDA
PVD output
100 mV
hysteresis
V
PVD
V
BOR
hyster esis
100 mV
IT enabled
BOR reset
(NRST)
POR/PDR reset
(NRST)
PVD
BOR always active
POR/PDR (BOR not available)
ai17211b
POR
V
/
PDR
V
BOR/PDR reset
(NRST)
BOR disabled by option byte
(Note 1)
(Note 2)
(Note 3)
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com