Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3216 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 25Page - STMicroelectronics AN3216 Datasheet HTML 26Page - STMicroelectronics AN3216 Datasheet HTML 27Page - STMicroelectronics AN3216 Datasheet HTML 28Page - STMicroelectronics AN3216 Datasheet HTML 29Page - STMicroelectronics AN3216 Datasheet HTML 30Page - STMicroelectronics AN3216 Datasheet HTML 31Page - STMicroelectronics AN3216 Datasheet HTML 32Page - STMicroelectronics AN3216 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
DocID17496 Rev 7
31/33
AN3216
Reference design
32
VDD_9
95
--
-
-
G6
-
-
VDD_10
121
--
-
-
G7
-
-
VDD_11
131
-
-
-
-
-
-
VREF+
32
21
-
-
L1
L1
G1
VREF-
31
20
-
-
-
K1
-
VSSA
30
19
12
8
J1
J1
F1
8
VDDA
33
22
13
9
M1
M1
H1
9
VLCD
6
6
1
1
E2
E2
B2
1
Table 7. Reference connection for all packages (continued)
Pin name
Pin numbers for LQFP packages
Pin numbers for BGA
packages
Pin numbers for
UFQFPN package
144 pins
100 pins 64 pins 48 pins 132 pins 100 pins 64 pins
48 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com