Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3216 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 16Page - STMicroelectronics AN3216 Datasheet HTML 17Page - STMicroelectronics AN3216 Datasheet HTML 18Page - STMicroelectronics AN3216 Datasheet HTML 19Page - STMicroelectronics AN3216 Datasheet HTML 20Page - STMicroelectronics AN3216 Datasheet HTML 21Page - STMicroelectronics AN3216 Datasheet HTML 22Page - STMicroelectronics AN3216 Datasheet HTML 23Page - STMicroelectronics AN3216 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Boot configuration
AN3216
20/33
DocID17496 Rev 7
4
Boot configuration
4.1
Boot mode selection
In the STM32L1xxx, three different boot modes can be selected by means of the BOOT[1:0]
pins as shown in Table 2.
The values on the BOOT pins are latched on the 4th rising edge of SYSCLK after a reset. It
is up to the user to set the BOOT1 and BOOT0 pins after reset to select the required boot
mode.
BOOT0 is a dedicated pin while BOOT1 is shared with a GPIO pin. Once BOOT1 has been
sampled, the corresponding GPIO pin is free and can be used by the application.
The BOOT pins are also resampled when exiting Standby mode. Consequently, they must
be kept in the required Boot mode configuration in Standby mode. After this startup delay
has elapsed, the CPU fetches the top-of-stack value from address 0x0000 0000, and starts
code execution from the boot memory starting from 0x0000 0004.
4.2
Boot pin connection
Figure 12 shows the external connection required to select the boot memory of the
STM32L1xxx.
Figure 12. Boot mode selection implementation example
1. Resistor values are given only as a typical example.
Table 2. Boot modes
BOOT mode selection pins
Boot mode
Aliasing
BOOT1
BOOT0
x
0
Main Flash memory
Main Flash memory is selected as boot
space
0
1
System memory
System memory is selected as boot
space
1
1
Embedded SRAM
Embedded SRAM is selected as boot
space
ai14373b
VDD
STM32L1xxx
BOOT0
BOOT1
VDD
10 k
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com