Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3216 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 14Page - STMicroelectronics AN3216 Datasheet HTML 15Page - STMicroelectronics AN3216 Datasheet HTML 16Page - STMicroelectronics AN3216 Datasheet HTML 17Page - STMicroelectronics AN3216 Datasheet HTML 18Page - STMicroelectronics AN3216 Datasheet HTML 19Page - STMicroelectronics AN3216 Datasheet HTML 20Page - STMicroelectronics AN3216 Datasheet HTML 21Page - STMicroelectronics AN3216 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Clocks
AN3216
18/33
DocID17496 Rev 7
3.3
LSE OSC clock
The low-speed external clock signal (LSE) can be generated from two possible clock
sources:
•
LSE user external clock (see Figure 10)
•
LSE external crystal/ceramic resonator (see Figure 11)
1. OSC32_IN and OSC_OUT pins can be also used as GPIOs, but it is recommended not to use them as
both RTC and GPIO pins in the same application.
2. To avoid exceeding the maximum value of CL1 and CL2 (15 pF), it is strongly recommended to use a
resonator with a load capacitance CL
≤ 7 pF. Never use a resonator with a load capacitance of 12.5 pF.
3. The value of REXT depends on the crystal characteristics. A 0 W resistor works but, is not optimal. A
typical value is in the range of 5 to 6 RS (resonator series resistance). To fine tune the RS value refer to
AN2867 (Oscillator design guide for ST microcontrollers).
3.3.1
External source (LSE bypass)
In this mode, an external clock source must be provided. It must have a frequency of
32.768 kHz. The external clock signal (square, sine or triangle) with a duty cycle of about
50% has to drive the OSC32_IN pin while the OSC32_OUT pin must be left high impedance
(see Figure 10).
3.3.2
External crystal/ceramic resonator (LSE crystal)
The LSE crystal is a 32.768 kHz low-speed external crystal or ceramic resonator. It has the
advantage of providing a low-power, but highly accurate clock source to the real-time clock
peripheral (RTC) for clock/calendar or other timing functions.
The oscillator can be switched on and off by software (default is off). When switched on, the
oscillator is not stable immediately. A bit is set in the RCC_CSR register when the oscillator
becomes stable and an interrupt can be generated if enabled in the RCC_CIR register.
The resonator and the load capacitors have to be connected as close as possible to the
oscillator pins in order to minimize output distortion and startup stabilization time. The load
capacitance values must be adjusted according to the selected oscillator (see Figure 11).
Figure 10. External clock(1)
Figure 11. Crystal/ceramic resonators(1)(2)
OSC32_OUT
OSC32_IN
External source
(Hi-Z)
ai14371
Hardware configuration
OSC32_OUT
OSC32_IN
ai14372d
STM32L1xxx
CL1
CL2
Hardware configuration
REXT
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com