Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3216 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 13Page - STMicroelectronics AN3216 Datasheet HTML 14Page - STMicroelectronics AN3216 Datasheet HTML 15Page - STMicroelectronics AN3216 Datasheet HTML 16Page - STMicroelectronics AN3216 Datasheet HTML 17Page - STMicroelectronics AN3216 Datasheet HTML 18Page - STMicroelectronics AN3216 Datasheet HTML 19Page - STMicroelectronics AN3216 Datasheet HTML 20Page - STMicroelectronics AN3216 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DocID17496 Rev 7
17/33
AN3216
Clocks
32
3.2
HSE OSC clock
The high-speed external clock signal (HSE) can be generated from two possible clock
sources:
•
HSE user external clock (see Figure 8)
•
HSE external crystal/ceramic resonator (see Figure 9)
1. The value of REXT depends on the crystal characteristics. A typical value is in the range of 5 to 6 RS
(resonator series resistance).
2. Load capacitance, CL, has the following formula: CL = CL1 x CL2 / (CL1 + CL2) + Cstray where: Cstray is the
pin capacitance and board or trace PCB-related capacitance. Typically, it is between 2 pF and 7 pF. Please
refer to Section 6: Recommendations on page 25 to minimize its value.
3.2.1
External source (HSE bypass)
In this mode, an external clock source must be provided. It can have a frequency of up to
32 MHz.
The external clock signal (square, sine or triangle) with a duty cycle of about 50%, has to
drive the OSC_IN pin while the OSC_OUT pin must be left in the high impedance state (see
Figure 8 and Figure 9).
3.2.2
External crystal/ceramic resonator (HSE crystal)
The external oscillator frequency ranges from 1 to 24 MHz.
The external oscillator has the advantage of producing a very accurate rate on the main
clock. The associated hardware configuration is shown in Figure 9.
The resonator and the load capacitors have to be connected as close as possible to the
oscillator pins in order to minimize output distortion and startup stabilization time. The load
capacitance values must be adjusted according to the selected oscillator.
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 5 pF to 25
pF range (typical), designed for high-frequency applications and selected to meet the
requirements of the crystal or resonator. CL1 and CL2, are usually the same value. The
crystal manufacturer typically specifies a load capacitance that is the series combination of
CL1 and CL2. The PCB and MCU pin capacitances must be included when sizing CL1 and
CL2 (10 pF can be used as a rough estimate of the combined pin and board capacitance).
Refer to the electrical characteristics sections in the datasheet of your product for more
details.
Figure 8. External clock
Figure 9. Crystal/ceramic resonators
OSC_OUT
OSC_IN
External source
(Hi-Z)
ai14369
Hardware configuration
OSC_OUT
OSC_IN
ai14370b
STM32L1xxx
REXT
(1)
CL1
CL2
Hardware configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com