Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3216 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3216
Description  Getting started with STM32L1xxx hardware development
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3216 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3216 Datasheet HTML 23Page - STMicroelectronics AN3216 Datasheet HTML 24Page - STMicroelectronics AN3216 Datasheet HTML 25Page - STMicroelectronics AN3216 Datasheet HTML 26Page - STMicroelectronics AN3216 Datasheet HTML 27Page - STMicroelectronics AN3216 Datasheet HTML 28Page - STMicroelectronics AN3216 Datasheet HTML 29Page - STMicroelectronics AN3216 Datasheet HTML 30Page - STMicroelectronics AN3216 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
DocID17496 Rev 7
27/33
AN3216
Reference design
32
7
Reference design
7.1
Description
The reference design shown in Figure 16, is based on the STM32L152VB(T6)
.
This reference design can be tailored to any STM32L1xxx device with a different package,
using the pin correspondence given in Table 7: Reference connection for all packages.
7.1.1
Clock
Two clock sources are used for the microcontroller:
•
LSE: X1– 32.768 kHz crystal for the embedded RTC
•
HSE: X2– 8 MHz crystal for the STM32L1xxx microcontroller
Refer to Section 3: Clocks on page 16.
7.1.2
Reset
The reset signal in Figure 16 is active low. The reset sources include:
•
Reset button (B1)
•
Debugging tools via the connector CN1
Refer to Section 2.3: Reset and power supply supervisor on page 11.
7.1.3
Boot mode
The boot option is configured by setting switches SW2 (Boot 0) and SW1 (Boot 1). Refer to
Section 4: Boot configuration on page 20.
Note:
When waking up from Standby mode, the Boot pins are sampled. In this situation, you need
to pay attention to their values.
7.1.4
SWJ interface
The reference design shows the connection between the STM32L1xxx and a standard
JTAG connector. Refer to Section 5: Debug management on page 22.
Note:
It is recommended to connect the reset pins so as to be able to reset the application from
the tools.
7.1.5
Power supply
Refer to Section 2: Power supplies on page 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com