Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 2Page - STMicroelectronics AN4013 Datasheet HTML 3Page - STMicroelectronics AN4013 Datasheet HTML 4Page - STMicroelectronics AN4013 Datasheet HTML 5Page - STMicroelectronics AN4013 Datasheet HTML 6Page - STMicroelectronics AN4013 Datasheet HTML 7Page - STMicroelectronics AN4013 Datasheet HTML 8Page - STMicroelectronics AN4013 Datasheet HTML 9Page - STMicroelectronics AN4013 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Overview
AN4013
6/37
DocID022500 Rev 4
1
Overview
STM32 devices use various types of timers, with the following features for each:
General-purpose timers are used in any application for output compare (timing and
delay generation), one-pulse mode, input capture (for external signal frequency
measurement), sensor interface (encoder, hall sensor)...
Advanced timers: these timers have the most features. In addition to general purpose
functions, they include several features related to motor control and digital power
conversion applications: three complementary signals with deadtime insertion,
emergency shut-down input.
One or two channel timers: used as general-purpose timers with a limited number of
channels.
One or two channel timers with complementary output: same as previous type, but
having a deadtime generator on one channel. This allows having complementary
signals with a time base independent from the advanced timers.
Basic timers have no input/outputs and are used either as timebase timers or for
triggering the DAC peripheral.
Table 2 summarizes the STM32 family timers.
Table 3 presents a general overview of timer features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com