Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 20Page - STMicroelectronics AN4013 Datasheet HTML 21Page - STMicroelectronics AN4013 Datasheet HTML 22Page - STMicroelectronics AN4013 Datasheet HTML 23Page - STMicroelectronics AN4013 Datasheet HTML 24Page - STMicroelectronics AN4013 Datasheet HTML 25Page - STMicroelectronics AN4013 Datasheet HTML 26Page - STMicroelectronics AN4013 Datasheet HTML 27Page - STMicroelectronics AN4013 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Advanced features for motor control
AN4013
24/37
DocID022500 Rev 4
4
Advanced features for motor control
4.1
Signal generation
The STM32 timer can output two complementary signals and manage the switching-off and
the switching-on instants of the outputs.
The complementary signals OCx and OCxN are activated by a combination of several
control bits: the CCxE and CCxNE and the MOE, OISx, OISxN, OSSI and OSSR bits.
The main output enable (MOE) bit is reset as soon as a break input is active. It is set by
software or automatically, depending on the automatic output enable (AOE) bit. When this
bit (MOE) is reset, the OCx and OCxN outputs are disabled or forced to idle state (OISx
OISxN), depending on whether the OSSI bit is set or not.
Note:
The MOE bit is valid only on the channels that are configured in output.
The Off-state selection for Run mode (OSSR) bit is used when MOE=1 on channels that
have a complementary output configured as outputs. When this bit is set, OCx and OCxN
outputs are enabled with their inactive level as soon as CCxE=1 or CCxNE=1. The output is
still controlled by the timer.
The Off-state selection for Idle mode (OSSI) bit is used when MOE=0 due to a break event
or by a software write, on channels configured as outputs. When this bit is set, OCx and
OCxN outputs are first forced with their inactive level, then forced to their idle level after the
dead time. The timer maintains its control over the output.
Table 4 explains the possible configurations of the advanced timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com