Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 16Page - STMicroelectronics AN4013 Datasheet HTML 17Page - STMicroelectronics AN4013 Datasheet HTML 18Page - STMicroelectronics AN4013 Datasheet HTML 19Page - STMicroelectronics AN4013 Datasheet HTML 20Page - STMicroelectronics AN4013 Datasheet HTML 21Page - STMicroelectronics AN4013 Datasheet HTML 22Page - STMicroelectronics AN4013 Datasheet HTML 23Page - STMicroelectronics AN4013 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
General-purpose timer modes
AN4013
20/37
DocID022500 Rev 4
The following figure presents an example of the Retriggerable OPM mode
Figure 3. Retriggerable OPM mode
To configure the timer in this mode:
1.
Configure the input pin and mode:
a)
Select the TIxFPx trigger to be used by writing CCxS bits in CCMRx register.
b)
Select the polarity of the input pin by writing CCxP and CCxNP bits in CCER
register.
c)
Configure the TIxFPx trigger for the slave mode trigger by writing TS bits in SMCR
register.
d)
Select the Combined Reset + trigger mode for the slave mode by writing SMS =
1000 in SMCR register.
2.
Configure the output pin and mode:
a)
Select the output polarity by writing CCyP bit in CCER register.
b)
Select the output compare mode by writing OCyM bits in CCMRy register
(Retriggerable OPM mode 1 or Retriggerable OPM mode 2).
c)
Set the Pulse length value by writing in CCRy register if the counter is down-
counting or by writing in the ARR if the counter is up-counting.
For more details on using the timer in this mode, refer to the examples provided in the
STM32F30x standard peripheral libraries, in the
/Project/STM32F30x_StdPeriph_Examples/ TIM/Retriggerable OPM folder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com