Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 13Page - STMicroelectronics AN4013 Datasheet HTML 14Page - STMicroelectronics AN4013 Datasheet HTML 15Page - STMicroelectronics AN4013 Datasheet HTML 16Page - STMicroelectronics AN4013 Datasheet HTML 17Page - STMicroelectronics AN4013 Datasheet HTML 18Page - STMicroelectronics AN4013 Datasheet HTML 19Page - STMicroelectronics AN4013 Datasheet HTML 20Page - STMicroelectronics AN4013 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DocID022500 Rev 4
17/37
AN4013
General-purpose timer modes
36
The following figure resumes the asymmetric behavior versus the center aligned PWM
mode
Figure 1. Asymmetric PWM mode versus center Aligned PWM mode
To configure the timer in this mode:
1.
Configure the output pin:
a)
Select the output mode by writing CCS bits in CCMRx register.
b)
Select the polarity by writing the CCxP bit in CCER register.
2.
Select the Asymmetric PWM mode (Asymmetric PWM1 or Asymmetric PWM2) by
writing OCxM bits in CCMRx register.
3.
Program the period, the pulse length and the phase shift respectively in ARR, CCRx
and CCRy registers.
4.
Select the counting mode: the Asymmetric PWM mode is working only with center
aligned mode: the counter mode must be center aligned counting mode (CMS bits
different from '00').
5.
Enable the capture compare.
6.
Enable the counter.
For more details on how to use the timer in this mode, refer to the examples provided in the
STM32F30x standard peripheral libraries, in the
/Project/STM32F30x_StdPeriph_Examples/ TIM/Asymmetric folders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com