Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 4Page - STMicroelectronics AN4013 Datasheet HTML 5Page - STMicroelectronics AN4013 Datasheet HTML 6Page - STMicroelectronics AN4013 Datasheet HTML 7Page - STMicroelectronics AN4013 Datasheet HTML 8Page - STMicroelectronics AN4013 Datasheet HTML 9Page - STMicroelectronics AN4013 Datasheet HTML 10Page - STMicroelectronics AN4013 Datasheet HTML 11Page - STMicroelectronics AN4013 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Overview
AN4013
8/37
DocID022500 Rev 4
Table 3. Timer features overview
Timer type
Counter
resolution
Counter type
DMA
Channels
Comp.
channels
Synchronization
Master
config.
Slave
config.
Advanced
16 bit
up, down and
center aligned
Yes
4
3
Yes
Yes
General-purpose
16 bit
32 bit(1)
up, down and
center aligned
Yes
4
0
Yes
Yes
Basic
16 bit
up
Yes
0
0
Yes
No
1-channel
16 bit
up
No
1
0
Yes (OC
signal)
No
2-channel
16 bit
up
No
2
0
Yes
Yes
1-channel with one
complementary
output
16 bit
up
Yes
1
1
Yes (OC
signal)
No
2-channel with one
complementary
output
16 bit
up
Yes
2
1
No
Yes
1. TIM2 and TIM5 are 32-bit counter resolution in the STM32F2, STM32F4 series, STM32F303xB/C/D/E and STM32F3x8
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com