Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 25Page - STMicroelectronics AN4013 Datasheet HTML 26Page - STMicroelectronics AN4013 Datasheet HTML 27Page - STMicroelectronics AN4013 Datasheet HTML 28Page - STMicroelectronics AN4013 Datasheet HTML 29Page - STMicroelectronics AN4013 Datasheet HTML 30Page - STMicroelectronics AN4013 Datasheet HTML 31Page - STMicroelectronics AN4013 Datasheet HTML 32Page - STMicroelectronics AN4013 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
DocID022500 Rev 4
29/37
AN4013
Advanced features for motor control
36
4.3.3
Locking mechanism
The advanced timers registers and bits can be protected or locked in order to safeguard the
application using the locking mechanism by programming the LOCK bits in the BDTR
register. There are three locking levels.
Note:
The LOCK bits can be written only once after the reset. Once the BDTR register has been
written, its content is frozen until the next reset.
Table 5. Behavior of timer outputs versus Break1 and Break2 inputs
Break input 1
Break input 2
OCxN output
OCx output
Active
Inactive
ON after deadtime
insertion
OFF
Inactive
Active
OFF
OFF
Active
-
ON after deadtime
insertion
OFF
Table 6. Locking levels
Level 1
LOCK Level 2(1)
1. LOCK Level 2 = LOCK Level 1 + CC polarity bits (CCxP/CCxNP bits in TIMx_CCER)
LOCK Level 3(2)
2. LOCK Level 3 = LOCK Level 2 + CC control bits (OCxM and OCxPE
Register
Bits
Register
Bits
Register
Bits
CR2
OISx
CR2
OISx
CR2
OISx
OISxN
OISxN
OISxN
BDTR
DTG[7:0]
BDTR
DTG[7:0]
BDTR
DTG[7:0]
BKE
BKE
BKE
BKP
BKP
BKP
AOE
AOE
AOE
-
BK2E(3)
3. Bits present in STM32F30x and STM32F3x8 products lines.
OSSR
OSSR
-
BK2P(3)
OSSI
OSSI
-
BKF[3:0](3)
CCER
CCxP
CCER
CCxP
-
BK2F[3:0](3)
CCxNP
CCxNP
-
-
-
-
CCMRx
OCxM
-
-
-
-
OCxPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com