Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 14Page - STMicroelectronics AN4013 Datasheet HTML 15Page - STMicroelectronics AN4013 Datasheet HTML 16Page - STMicroelectronics AN4013 Datasheet HTML 17Page - STMicroelectronics AN4013 Datasheet HTML 18Page - STMicroelectronics AN4013 Datasheet HTML 19Page - STMicroelectronics AN4013 Datasheet HTML 20Page - STMicroelectronics AN4013 Datasheet HTML 21Page - STMicroelectronics AN4013 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
General-purpose timer modes
AN4013
18/37
DocID022500 Rev 4
STM32Cube F3 firmware package includes examples in the following directories:
Projects\STM32F3-Discovery\Examples\TIM\TIM_Asymetric,
Projects\STM32303E_EVAL\Examples\TIM\TIM_Asymetric
Projects\STM32303C_EVAL\Examples\TIM\TIM_Asymetric.
2.8
Timer combined PWM mode available for
STM32F30x and STM32F3x8 lines
The combined mode allows generating edge or center aligned PWM signals with
programmable delay and phase shift between respective pulses. To generate a combined
signal, the TIMx_CCRx and TIMx_CCRy must be used to program the delay and the phase
shift, the frequency is determined by the value of the TIMx_ARR register. The resulting
signal (combined signal) is made of an OR or AND logical combination of two reference
PWMs. So the combined PWM mode can be selected independently on two channels by
programming the OCxM bits in TIMx_CCMRx register:
OCxM = 1100 to use the Combined PWM1, in this case the combined output reference
has the same behavior as in PWM mode 1. The combined output reference is the
logical OR between OC1/3REF and OC2/4REF
OCxM = 1101 to use the Combined PWM2,in this case the combined output reference
has the same behavior as in PWM mode 2. The combined output reference is the
logical AND between OC1/2REF and OC2/4REF
The following figures resume the combined mode
Figure 2. Combined PWM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com