Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 24Page - STMicroelectronics AN4013 Datasheet HTML 25Page - STMicroelectronics AN4013 Datasheet HTML 26Page - STMicroelectronics AN4013 Datasheet HTML 27Page - STMicroelectronics AN4013 Datasheet HTML 28Page - STMicroelectronics AN4013 Datasheet HTML 29Page - STMicroelectronics AN4013 Datasheet HTML 30Page - STMicroelectronics AN4013 Datasheet HTML 31Page - STMicroelectronics AN4013 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Advanced features for motor control
AN4013
28/37
DocID022500 Rev 4
The dead time delay is computed using the following formula:
Dead time = DTG[7:0]x Tdtg, if DTG[7] = 0
Dead time = (64+DTG[5:0]) x Tdtg, if DTG[6] = 0
Dead time = (32+DTG[4:0]) x Tdtg, if DTG[5] = 0
Dead time = (32+DTG[4:0]) x Tdtg, if DTG[7:5] = 111
For more details on using the timer in this mode, refer to the examples provided in the
STM32xx standard peripheral libraries, in the /Project/STM32xx_StdPeriph_Examples/
TIM/ComplementarySignals folder.
STM32Cube F3 firmware includes package examples in the following directories:
Projects\STM32F3-Discovery\Examples\TIM\TIM_ComplementarySignals,
Projects\STM32373C_EVAL\Examples\TIM\TIM_ComplementarySignals,
Projects\STM32303E_EVAL\Examples\TIM\TIM_ComplementarySignals,
Projects\STM32303C_EVAL\Examples\TIM\TIM_Combined.
Note:
This example is not available for STM32L1 series.
4.3.2
Break input
The break input is an emergency input in the motor control application. The break function
protects power switches driven by PWM signals generated with the advanced timers. The
break input is usually connected to fault outputs of power stages and 3-phase inverters.
When activated, the break circuitry shuts down the TIM outputs and forces them to a
predefined safe state.
The break event is generated by:
The BRK input that has a programmable polarity and an enable bit BKE.
The CSS (Clock Security System).
Software, by setting the BG bit in the EGR register.
When a break event occurs:
The MOE bit (main output enable) is cleared.
The break status flag is set and an interrupt request can be generated.
Each output channel is driven with the level programmed in the OISx bit.
Break inputs in STM32F30x and STM32F3x8
In these lines there are two break inputs Break1 and Break2. The break can be generated
by any of the two BRK inputs which have:
a programmable polarity (BKPx bit in the TIMx_BDTR Register)
a programmable enable bit (BKEx in the TIMx_BDTR Register)
a programmable filter (BKxF[3:0] bits in the TIMx_BDTR Register) to avoid spurious
events.
The following table presents the priorities between the two break inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com