Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 23Page - STMicroelectronics AN4013 Datasheet HTML 24Page - STMicroelectronics AN4013 Datasheet HTML 25Page - STMicroelectronics AN4013 Datasheet HTML 26Page - STMicroelectronics AN4013 Datasheet HTML 27Page - STMicroelectronics AN4013 Datasheet HTML 28Page - STMicroelectronics AN4013 Datasheet HTML 29Page - STMicroelectronics AN4013 Datasheet HTML 30Page - STMicroelectronics AN4013 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
DocID022500 Rev 4
27/37
AN4013
Advanced features for motor control
36
For more details on using the timer in this mode, refer to the examples provided in the
STM32F30x standard peripheral libraries, in the
/Project/STM32F30x_StdPeriph_Examples/ TIM/Combined folders.
STM32Cube F3 firmware package includes examples in the following directories:
Projects\STM32F3-Discovery\Examples\TIM\TIM_Combined,
Projects\STM32303E_EVAL\Examples\TIM\TIM_Combined,
Projects\STM32303C_EVAL\Examples\TIM\TIM_Combined.
4.3
Specific features for motor control applications
4.3.1
Complementary signal and dead time feature
STM32xx advanced timers can generate up to three complementary outputs with insertion
of dead time.
To use the complementary signal for one channel, set the two output compare enable bits of
this channel and its complementary (OCxE and OCxNE) channel.If the dead time bits are
different from zero, the two signals are generated with insertion of a dead time as illustrated
in Figure 6: Two signals are generated with insertion of a dead time:
Figure 6. Two signals are generated with insertion of a dead time
The dead time parameter is computed using the DTG[7:0] bits and the dead time clock
(Tdtg).
The dead time clock is computed as follows:
Tdtg = TDTS,
if DTG[7] = 0
Tdtg = 2 x TDTS,
if DTG[6] = 0
Tdtg = 8 x TDTS,
if DTG[5] = 0
Tdtg = 16 x TDTS, if DTG[7:5] = 111
Note:
TCK_INT is the timer internal clock.
Where: TDTS = TCK_INT, if CKD[1:0] = 00
TDTS = 2 x TCK_INT, if CKD[1:0] = 01
TDTS = 4 x TCK_INT, if CKD[1:0] = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com