Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 29Page - STMicroelectronics AN4013 Datasheet HTML 30Page - STMicroelectronics AN4013 Datasheet HTML 31Page - STMicroelectronics AN4013 Datasheet HTML 32Page - STMicroelectronics AN4013 Datasheet HTML 33Page - STMicroelectronics AN4013 Datasheet HTML 34Page - STMicroelectronics AN4013 Datasheet HTML 35Page - STMicroelectronics AN4013 Datasheet HTML 36Page - STMicroelectronics AN4013 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
DocID022500 Rev 4
33/37
AN4013
Advanced features for motor control
36
The slave mode controller is configured in reset mode; the slave input is TI1F_ED. Thus,
each time one of the 3 inputs toggles, the counter restarts counting from 0. This creates a
time base triggered by any change on the Hall inputs.
Channel 1 is configured in input capture mode, capture signal is TRC. The captured value,
which corresponds to the time, elapsed between 2 changes on the inputs, gives information
about motor speed.
TIM configuration in Hall sensor interface mode
1.
Configure 3 timer inputs ORed to the TI1 input channel by writing the TI1S bit in CR2
register to '1',
2.
Program the time base: write the ARR to the max value (the counter must cleared by
the TI1 change. Set the prescaler to get a maximum counter period longer than the
time between 2 changes on the sensors,
3.
Program channel 1 in capture mode (TRC selected): write the CC1S bits in the CCMR1
register to '01'. You can also program the digital filter if needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com