Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4013 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 21Page - STMicroelectronics AN4013 Datasheet HTML 22Page - STMicroelectronics AN4013 Datasheet HTML 23Page - STMicroelectronics AN4013 Datasheet HTML 24Page - STMicroelectronics AN4013 Datasheet HTML 25Page - STMicroelectronics AN4013 Datasheet HTML 26Page - STMicroelectronics AN4013 Datasheet HTML 27Page - STMicroelectronics AN4013 Datasheet HTML 28Page - STMicroelectronics AN4013 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
DocID022500 Rev 4
25/37
AN4013
Advanced features for motor control
36
Note:
1
Dead time insertion is enabled by setting both CCxE and CCxNE bits, and the MOE bit.
2
When only OCxN is enabled (CCxE=0, CCxNE=1), it is not complemented and becomes
active as soon as OCxREF is high. For example, if CCxNP=0 then OCxN=OCxRef. On the
other hand, when both OCx and OCxN are enabled (CCxE=CCxNE=1) OCx becomes
active when OCxREF is high, whereas OCxN is complemented and becomes active when
OCxREF is low.
Table 4. Advanced timer configurations
Control bits
Output state
Typical use
MOE
OSSI
OSSR
OCxE OCxNE
OCx output
state
OCxN output
state
1
x
0
0
0
Output disable
Output disable
General purpose
x
0
0
1
Output disable
OCxREF
+ Polarity
x0
1
0
OCxREF
+ Polarity
Output disable
x0
1
1
OCxREF
+ Polarity
+ Deadtime
(not OCxREF)
+ Polarity
+ Deadtime
Motor control
(sinewave)
x
1
0
0
Output disabled Output disabled
Motor control
(6-steps)
x
1
0
1
Off-state
OCxREF
+ Polarity
x1
1
0
OCxREF +
Polarity
Off-state
x1
1
1
OCxREF
+ Polarity
+ Deadtime
(not OCxREF)
+ Polarity
+ Deadtime
Motor control
(sinewave)
MOE
OSSI
OSSR
OCxE OCxNE
OCx output
state
OCxN output
state
Comments
0
0x0
0
Output disable
Outputs
disconnected
from I/O ports
0x0
1
0x1
0
0x1
1
1x0
0
Off-state
(outputs are first forced with their
inactive level then forced to their
idle level after the deadtime.)
All PWMs OFF
(low Z for safe
stop)
1x0
1
1x1
0
1x1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com